PART |
Description |
Maker |
3C92 |
Material specification
|
Ferroxcube International Holding B.V.
|
3E27 |
Material specification
|
Ferroxcube International Holding B.V.
|
4A20 |
Material specification
|
Ferroxcube International Holding B.V.
|
3C91 |
Material specification
|
Ferroxcube International Holding B.V.
|
3C90 |
Material specification
|
Ferroxcube International Holding B.V.
|
4B3 |
Material specification
|
Ferroxcube International Holding B.V.
|
3C81 |
Material specification
|
Ferroxcube International Holding B.V.
|
3F45 |
Material specification
|
Ferroxcube International Holding B.V.
|
MC12U256HBFA-0QC00 MC1GU032HCYA-0QC00 MC1GU016HCFB |
CABLE, 9505, 5PAIR, 30.5M; Cores, No. of:10; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes CABLE, 9506, 6PAIR, PER M; Cores, No. of:12; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:7.34mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:5476C RoHS Compliant: Yes AC MEXICO Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Impedance:75ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:3uF; Capacitance Tolerance: 10%; Lead Pitch:20.6mm; Leaded Process Compatible:Yes; Series:MPF RoHS Compliant: Yes Film Capacitor; Capacitor Type:Motor Start/Motor Run; Voltage Rating:370VAC; Capacitor Dielectric Material:Polypropylene; Capacitance:4uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Package/Case:32; Series:MPF The HFC-S mini is not recommended for new projects. Please use XHFC-1SU instead. 多媒体卡规格 MultiMediaCard Specification 多媒体卡规格 MultiMediaCard Specification
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD. Cologne Chip Samsung Semiconductor Co., Ltd.
|
XC95144XV XC95144XV-5TQ100C XC95144XV-5TQ100I DS05 |
From old datasheet system High-Performance CPLD Advance Product Specification Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; No. of Positions:25 RoHS Compliant: Yes DB24659 144 macrocells with 3,200 usable gates
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
EE13-K-H-8P-SW EE13-KH-8P-SW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer FERYSTER Inductive Comp...
|
52271-2279 |
PC Board Connector; No. of Contacts:22; Pitch Spacing:1mm; No. of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Contact Material:Phosphor Bronze; Gender:Receptacle; Series:52271 RoHS Compliant: Yes
|
MOLEX INC
|